|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS PB1000 - PB1010 Pb 10A SINGLE-PHASE BRIDGE RECTIFIER Features Diffused Junction High Current Capability High Case Dielectric Strength High Surge Current Capability Ideal for Printed Circuit Board Application Plastic Material has UL Flammability 94V-0 Recognized File # E157705 H G + E ~ E ~ A Dim A B C D E KBPC-8 Min Max Mechanical Data Case: KBPC-8, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Marked on Body Weight: 5.4 grams (approx.) Mounting Position: Through Hole for #6 Screw Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 D C B A 18.54 19.56 6.35 7.60 19.00 -- 1.27 O Typical 5.33 7.37 Hole for #6 screw G 3.60 4.00 H 12.20 13.80 All Dimensions in mm Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. PB 1000 50 35 @TA=25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per leg Peak Reverse Current At Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) (Note 2) Typical Junction Capacitance (Note 3) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range @IF = 5.0A @TA = 25C @TA = 125C Symbol VRRM VRWM VR VR(RMS) IO PB 1001 100 70 PB 1002 200 140 PB 1004 400 280 10 PB 1006 600 420 PB 1006 800 560 PB 1010 1000 700 Unit V V A IFSM VFM IR I2t Cj RJC Tj, TSTG 150 1.1 5.0 500 127 110 6.0 -65 to +125 A V A A2s pF C/W C Note: 1. Mounted on metal chassis. 2. Non-repetitive, for t > 1ms and < 8.3ms. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. PB1000 - PB1010 1 of 4 (c) 2006 Won-Top Electronics IAV, AVERAGE FORWARD OUTPUT CURRENT (A) 10 Resistive or Inductive load Mounted on Metal chassis 10 8 IF, FORWARD CURRENT (A) 6 Mounted on PC Board 1.0 4 0.1 2 Tj = 25C Pulse width = 300s 0 25 50 75 100 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 125 0.01 0 0.4 0.8 1.6 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element 150 IF, PEAK FORWARD SURGE CURRENT (A) TC = 50C 125 Single half sine-wave JEDEC method IR, INSTANTANEOUS REVERSE CURRENT (A) 10 Tj = 100C 100 1.0 75 50 0.1 25 Tj = 25C 0 1.0 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current 0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element PB1000 - PB1010 2 of 4 (c) 2006 Won-Top Electronics MARKING INFORMATION AC + WTE PB10xx WTE PB10xx xx Polarity = Manufacturer's Logo = Device Number = 00, 01, 02, 04, 06, 08 or 10 = As Marked on Body PACKAGING INFORMATION BULK Inner Box Size L x W x H (mm) 237 x 240 x 52 Quantity (PCS) 200 Carton Size L x W x H (mm) 500 x 255 x 275 Quantity (PCS) 2,000 Approx. Gross Weight (KG) 14.0 Note: 1. Paper box, white or brown color. PB1000 - PB1010 3 of 4 (c) 2006 Won-Top Electronics ORDERING INFORMATION Product No. PB1000 PB1001 PB1002 PB1004 PB1006 PB1008 PB1010 1. 2. Package Type Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Shipping Quantity 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, PB1000-LF. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. PB1000 - PB1010 4 of 4 (c) 2006 Won-Top Electronics |
Price & Availability of PB1010 |